PART |
Description |
Maker |
5MT1 5MTP1.6-R 5MT200-R 5MTP3.5-R |
Fuses, RoHS 3.5A 125V M UL GLASS LEAD Fuses, 1A 250V M UL GLASS 5X20 Fuses, RoHS 1.6A 250V M UL GLASS LEAD MEDIUM BLOW ELECTRIC FUSE, 1.6A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 200mA 250V M UL GLASS 5X20 MEDIUM BLOW ELECTRIC FUSE, 0.2A, 125VAC, 10000A (IR), INLINE/HOLDER
|
BEL FUSE INC Bel Fuse, Inc.
|
3AG1 3AP1 3AG2.5 3AP300 3AG300 3AP375 AP750 |
Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 2.5A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 2.5A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 375mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 750mA 250V FAST GLASS
|
Bel Fuse, Inc. BEL FUSE INC
|
5VT6.3-R 5VT3.15-R 5VTP3.15-R |
Fuses, RoHS 6.3A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 3.15A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), THROUGH HOLE
|
Bel Fuse, Inc. BEL FUSE INC
|
5TT125-R 5TTP1.6-R |
Fuses, RoHS 125mA 250V SB UL GLASS 5X20 SLOW BLOW ELECTRIC FUSE, 0.125A, 250VAC, 100A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V SB UL GLAS LEAD SLOW BLOW ELECTRIC FUSE, 1.6A, 250VAC, 100A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
KMF1.1123.11 KMF1.1113.11 KMF1.1213.11 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 2A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder for fuses 5x20mm; line switch and line filter 2A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 1A; Terminal Type: Quick Connect Tabs; Appliance inlet; fuseholder for fuses 5x20mm; line switch and line filter 1A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
4302.5001 4302.5002 4302.5003 4302.5004 4302.5005 |
IEC Appliance Inlet C14 with Filter, Line Switch 1-pole Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; Non-illuminated; qualified for use in equipment according To IEC/EN 60953 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER
|
Schurter Inc. SCHURTER AG
|
.16.160 21606.3 21601.6 216.200 216004 |
MINI STEREO HEAD PHONE EXTENSION CORD 10FT 轴向引线和墨盒保险丝- IEC标准设计 Axial Lead and Cartridge Fuses - Designed to IEC Standard 轴向引线和墨盒保险丝- IEC标准设计 Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:8-2 Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc.
|
5TTP250 |
Fuses, 250mA 250V SB UL GLAS LEAD
|
BEL FUSE INC
|
CD41.4599.151 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; Fuseholder is accessible fromThe equipment front; IEC/EN 60979 6A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
CMD-3.81-V |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
MDL-3.81-V |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
CFS-3.5-F |
Standard : UL - IEC 300V - 250V 8A - 13.5A
|
Eldeco Srl
|
|